Part Number Hot Search : 
2SK0762A KBL005G 1N5606 TDA8380A 68HC0 CX1622 1N400 1T417
Product Description
Full Text Search
 

To Download CTC2F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Conformal Coated Inductors - Axial
ctparts.com
CTC2F Series
From .022 H to 1,000 H
ENGINEERING KIT #1
Not shown at actual size. Part Number CTC2F-R022_ CTC2F-R033_ CTC2F-R039_ CTC2F-R047_ CTC2F-R056_ CTC2F-R068_ CTC2F-R082_ CTC2F-R10_ CTC2F-R12_ CTC2F-R15_ CTC2F-R18_ CTC2F-R22_ CTC2F-R27_ CTC2F-R33_ CTC2F-R39_ CTC2F-R47_ CTC2F-R56_ CTC2F-R68_ CTC2F-R82_ CTC2F-1R0_ CTC2F-1R2_ CTC2F-1R5_ CTC2F-1R8_ CTC2F-2R2_ CTC2F-2R7_ CTC2F-3R3_ CTC2F-3R9_ CTC2F-4R7_ CTC2F-5R6_ CTC2F-6R8_ CTC2F-8R2_ CTC2F-100_ CTC2F-120_ CTC2F-150_ CTC2F-180_ CTC2F-220_ CTC2F-270_ CTC2F-330_ CTC2F-390_ CTC2F-470_ CTC2F-560_ CTC2F-680_ CTC2F-820_ CTC2F-101_ CTC2F-121_ CTC2F-151_ CTC2F-181_ CTC2F-221_ CTC2F-271_ CTC2F-331_ CTC2F-391_ CTC2F-471_ CTC2F-561_ CTC2F-681_ CTC2F-821_ CTC2F-102_
SPECIFICATIONS
Please specify tolerance code when ordering. CTC2F-R022_ J = 5%, K = 10%, M = 20% L Test Freq. (MHz) 50 50 50 50 50 50 50 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 Q Factor Min. 40 40 40 40 40 40 40 30 30 30 30 40 40 40 40 40 40 40 40 40 40 45 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 50 50 50 50 50 60 60 60 60 60 60 60 60 60 60 60 50 Q Test Freq. (MHz) 50 50 50 50 50 50 50 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 SRF Min. (MHz) 500 490 480 480 470 470 470 280 280 280 280 280 260 250 220 200 180 160 140 135 135 130 125 80 80 70 65 45 49 30 28 22 20 16 15 13 11 10 9.5 8.5 7.5 6.5 6.0 5.5 5.4 4.8 4.4 4.0 3.7 3.4 2.8 2.7 2.4 2.0 1.6 1.2 DCR Max. () .01 .02 .02 .03 .04 .05 .05 .08 .08 .09 .12 .15 .15 .15 .17 .17 .17 .18 .18 .18 .18 .20 .23 .25 .28 .30 .32 .35 .40 .45 .56 .72 .80 .88 1.0 1.2 1.3 1.5 1.7 2.3 2.6 2.9 3.2 3.5 3.8 4.4 5.0 5.7 7.5 9.5 10 11 13 18 24 30 Rated DC (mA) 520 500 500 500 460 460 460 1400 1350 1270 1200 1150 1110 1110 1000 1000 950 900 900 815 740 700 655 630 596 575 555 530 500 470 425 370 350 335 315 285 270 255 240 205 195 185 175 165 160 150 140 130 120 100 95 90 85 75 65 60
Inductance (H) .022 .033 .039 .047 .056 .068 .082 .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
Compliant
RoHS
CHARACTERISTICS
Description: Axial leaded conformal coated inductor Applications: Used in less harsh environments. Ideal for less critical RFL/EMI applications Operating Temperature: -55C to +125C Inductance Tolerance: 5%, 10%, 20% Testing: Inductance and Q are tested on an HP4285A or HP4286A at specified frequency Packaging: Bulk pack or Tape & Reel, 5,000 parts per reel Marking: Parts are EIA color banded with inductance code and tolerance Material: Magnetic core with epoxy resin for protection and longer reliability Miscellaneous: RoHS Compliant. Other values available Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
Max. 6.6 0.26
B
Max. 2.8 0.11
C
Typ. 29.2 1.15
24 AWG
Nom. 0.511 0.02
12.12.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTC2F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X